Part Number Hot Search : 
LC74781M PM5356 68F30 10061 CXMXX L4760 IRLML240 ADT7516
Product Description
Full Text Search
 

To Download CDSF101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Switching Diode
COMCHIP
SMD Diodes Specialist
CDSF101A (Lead-free Device)
High Speed
Features
Designed for mounting on small surface. Extremely thin/leadless package. Low leakage current (<50nA). High mounting capability, strong surge withstand, high reliability.
0.051(1.30) 0.043(1.10)
1005(2512)
0.102(2.60) 0.095(2.40)
Mechanical data
Case: 1005 (2512) standard package, molded plastic.
0.020(0.50) Typ. 0.035(0.90) 0.027(0.70)
Terminals: Gold plated, solderable per MIL-STD-750, method 2026.
0.012 (0.30) Typ.
Polarity: Indicated by cathode band.
0.020(0.50) Typ.
Mounting position: Any.
Dimensions in inches and (millimeter)
Weight: 0.006 gram (approximately)
Maximum Rating ( at T A = 25 C unless otherwise noted )
Parameter
Repetitive peak reverse voltage Reverse voltage Average forward current Forward current , surge peak Repetitive peak forward current Power Dissipation Storage temperature Junction temperature 8.3 ms single half sine-wave superimposed on rate load ( JEDEC method )
Conditions
Symbol Min Typ Max Unit
VRRM VR IO IFSM IFRM PD TSTG Tj -40 -40 90 80 100 1000 225 300 +125 +125 V V mA mA mA mW C C
Electrical Characteristics ( at T A = 25 C unless otherwise noted )
Parameter
Forward voltage Reverse current Capacitance between terminals Reverse recovery time VR = 75 V f = 1MHz, and 0.5VDC reverse voltage VR = 6V, IF = 10 mA, RL =50 ohms
Conditions
I F = 100 mA DC
Symbol Min Typ Max Unit
VF IR CT Trr 3 4 1.0 50 V nA pF nS
REV:A
QW-A0005
Page 1
SMD Switching Diode
COMCHIP
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CDSF101A)
Fig. 1 - Forward characteristics
1000m 10u
Fig. 2 - Reverse characteristics
Reverse current ( A )
100m
1u
Forward current (A )
125 C
100n
10m
1m
C
10n
75 C
125
C
C 25
75
-25
C
100u
1n
25 C
100p 0 0.2 0.4 0.6 0.8 1.0 1.2 0 10 20 30 40 50 60 70 80
10u
Forward voltage (V)
Reverse voltage (V)
Fig. 3 - Capacitance between terminals characteristics
Capacitance between terminals : (pF)
5.0
Fig. 4 - Current derating curve
Average forward current ( % )
f=1MHz Ta = 25 C
4.0
Mounting on glass epoxy PCBs
100
80
3.0
60
2.0
40
1.0
20
0 0 5 10 15 20 25 30
0
0 25 50 75 100 125 150
Reverse voltage : (V)
Ambient temperature ( C)
REV:A
QW-A0005
Page 2


▲Up To Search▲   

 
Price & Availability of CDSF101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X